PART |
Description |
Maker |
ATMEGA162 ATMEGA162L ATMEGA162V |
16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 MHz. 16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation. 16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 1 MIPS throughput at 1 MHz.
|
Atmel
|
ATMEGA8 ATMEGA8L |
8-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 6 or 8 Channel 10-bit A/D-converter. Up to 16 MIPS throughput at 16 Mhz. 8-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 6 or 8 Channel 10-bit A/D-converter. Up to 8 MIPS throughput at 8 Mhz. 3 Volt Operation
|
Atmel
|
ATMEGA8L-8 |
8-Kbyte Self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EePROM, 6 or 8 Channel 10-bit A/D-converter. Up to 16 Mips Throughput at 16 Mhz.
|
ATMEL
|
ATTINY15L ATTINY15L-1PC ATTINY15L-1PI ATTINY15L-1S |
8-bit AVR Microcontroller with 1K Byte Flash 1-Kbyte In-System programmable Flash Program Memory, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 1.6 MIPS throughput at 1.6 MHz. 3-volt operation
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
P89LPC9321 P89LPC9321FA P89LPC9321FDH P89LPC9321FN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM, SOT117-1 (DIP28), Tube 8-BIT, FLASH, 18 MHz, MICROCONTROLLER, PDIP28
|
NXP Semiconductors N.V.
|
ST10F269Z2Q3 ST10F269Z2Q6 |
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
|
STMicroelectronics
|
PIC24HJ256GP610 DSPIC33FJ64GP306 DSPIC33F PIC24HJ6 |
Flash Programming Specification
|
MICROCHIP[Microchip Technology]
|
PIC18F26J50-ISO |
Flash Microcontroller Programming Specification
|
Microchip Technology
|
PIC16F87 |
Flash Memory Programming Specification
|
Microchip Technology
|
MC68HC908LB8 AN2635 MC68HC908QY8 MC68HC908QB4 MC68 |
On-Chip FLASH Programming Routines
|
FREESCALE[Freescale Semiconductor, Inc]
|